|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1. configuration & dimensions : 3. electrical characteristics ( @ 25c ) : superworld electronics (s) pte ltd 2. schematic : DPC10-440 (f) series power transformer pg. 1 note : specifications subject to change without notice. please check our website for latest information. 17.03.2008 a-8 8 pin 6.35 (0.250) size (va) 4.4 31.75 (1.250) (1.625) 41.28 lw (1.375) h 34.93 unit : mm (inch) optional bracket * wt. (gram) 197.86 (1.100) b 27.94 --- no. mw --- md --- series connected 4 pri 230v 1 6 7 5 8 parallel connected 115v pri 4 1 6 8 7 5 eo eo a. primary voltage ac 115/230 v 50/60 hz . b. no load primary current less than 30ma . c. secondary volt age (5%) series ac - v . parallel ac - v . d. secondary load current series 440ma . parallel 880ma . e. full load primary current less than - ma . f. full load secondary voltage (5%) series 10.00v . pin 3-4 pin 1-2 g. dc resistance primary-1 = 277 ohm . parallel 5.00v . pin 5-6 pin 7-8 h. insulation resistance i. withstand voltage (hi-pot) secondary = - ohm . = - ohm . dc 500v 100meg ohm of more . ac 1500v 60hz 1 minutes . less than 60 deg c . ei-41 x 13.50 m/m . j. temperature rise k. core size - l. turns & wire gauge primary-1 - - primary-2 secondary-1 - pin 5-6 pin 3-4 pin 1-2 pin 7-8 secondary-2 turns diameter - - turns diameter - turns diameter - turns diameter primary-2 = 332 ohm . m/m . m/m . m/m . m/m . b a-8 a-8 a-8 4 3 2 1 1.041 (0.041) l 6 5 h 7 8 type dpc 8 pins pc terminal (plug-in mounting) b pcb pattern w 4.76 (0.188) a-8 a-8 2 3 2 3
|
Price & Availability of DPC10-440 |